| 전자부품 데이터시트 검색엔진 |
|
ASM3P2872A 데이터시트(PDF) 2 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM3P2872A 데이터시트(HTML) 2 Page - Alliance Semiconductor Corporation |
|
2 / 12 page ![]() October 2005 ASM3P2872A rev 1.6 Low Power Peak EMI Reducing Solution 2 of 12 Notice: The information in this document is subject to change without notice. XOUT 1 2 3 4 5 6 ASM3P2872A REFOUT XIN/CLKIN VDD ModOUT VSS Pin Configuration (6-pin TSOT-23 Package) Pin Description Pin# Pin Name Type Description 1 REFOUT O Buffered output of the input frequency. 2 XOUT O Crystal connection. If using an external reference, this pin must be left unconnected. 3 XIN/CLKIN I Crystal connection or external reference frequency input. This pin has dual functions. It can be connected either to an external crystal or an external reference clock. 4 VDD P Power supply for the entire chip 5 ModOUT O Spread spectrum clock output. 6 VSS P Ground connection. |