전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WSP8212 데이터시트(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

부품명 WSP8212
상세설명  Dual N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
홈페이지  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP8212 데이터시트(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP8212 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP8212 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP8212 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP8212 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP8212 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Sou
rce Voltage
±
12
V
ID@Tc=25℃
Continuous Drain Current, VGS @ 4.5V
1
11
A
ID@Tc=70℃
Continuous Drain Current, VGS @ 4.5V
1
9
A
IDM
Pulsed Drain Current
2
40
A
PD@TA=25℃
Total Power Dissipation
3
1.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1
---
100
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
70
℃
/W
BVDSS
RDSON
ID
20V
10mΩ
11A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent Cdv/dt effect decline
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Small power switching for MB/NB/UMPC/VGA
Networking DC-DC Power System
ESD:2KV
Absolute Maximum Ratings
Thermal Data
SOP
-8 Pin Configuration
Product Summery
WSP8212
Page 1
www.winsok.tw
Dec.2014
Dual N-Channel MOSFET
The WSP8212 is the highest performance
trench Dual N-ch MOSFET with extreme high
cell density , which provide excellent RDSON
and gate charge for most of the small power
switching and load switch applications.
The WSP8212 meet the RoHS and Green
Product requirement with full function reliability
approved.


유사한 부품 번호 - WSP8212

제조업체부품명데이터시트상세설명
logo
SHENZHEN DOINGTER SEMIC...
WSP8212 DOINGTER-WSP8212 Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
More results

유사한 설명 - WSP8212

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com