| 전자부품 데이터시트 검색엔진 |
|
SFT-10-CG-R35-MPC 데이터시트(PDF) 18 Page - Luminus, Inc |
|
|
|||||||||||||||||||||||||||||
SFT-10-CG-R35-MPC 데이터시트(HTML) 18 Page - Luminus, Inc |
|
18 / 19 page ![]() 18 PDS-002823 Rev 02 © 2017 Luminus Devices, Inc. - All Rights Reserved Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com 1145 Sonora Court • Sunnyvale, CA 94086 USA SFT-10 Product Datasheet REEL PACKAGING Confidential © 2013 Luminus Devices, Inc. All rights reserved. 4 Label Fields: • CPN: Customer orderable Part Number (as defined on P3) • MPN: Manufacturer Part Number (Internal Luminus use) • QTY: Quantity of Devices • Bin/Flux: Flux Bin • Bin/Voltage: Vf Bin (Internal Luminus use) • Bin/Color: Color or Wavelength • MFG INFO: Luminus Internal Use HUMIDITY CARD The Humidity Indicator is included within each Anti-static bag. If Humidity indicator is triggered replace desiccant and/ or pre-bake prior to system assembly. LDI recommends all SFT-series LED are stored “SEALED” until time of use. See Application Note. LABEL |