| 전자부품 데이터시트 검색엔진 |
|
PDTC143XT 데이터시트(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDTC143XT 데이터시트(HTML) 1 Page - NXP Semiconductors |
|
1 / 12 page ![]() 1. Product profile 1.1 General description NPN Resistor-Equipped Transistors (RET) family. [1] Also available in SOT54A and SOT54 variant packages (see Section 2). 1.2 Features 1.3 Applications 1.4 Quick reference data PDTC143X series NPN resistor-equipped transistors; R1 = 4.7 k Ω, R2 = 10 kΩ Rev. 09 — 26 July 2005 Product data sheet Table 1: Product overview Type number Package PNP complement Philips JEITA JEDEC PDTC143XE SOT416 SC-75 - PDTA143XE PDTC143XEF SOT490 SC-89 - PDTA143XEF PDTC143XK SOT346 SC-59A TO-236 PDTA143XK PDTC143XM SOT883 SC-101 - PDTA143XM PDTC143XS [1] SOT54 SC-43A TO-92 PDTA143XS PDTC143XT SOT23 - TO-236AB PDTA143XT PDTC143XU SOT323 SC-70 - PDTA143XU s Built-in bias resistors s Reduces component count s Simplifies circuit design s Reduces pick and place costs s 100 mA output current capability s Digital applications s Cost-saving alternative for BC847 series in digital applications s Controlling IC inputs s Switching loads Table 2: Quick reference data Symbol Parameter Conditions Min Typ Max Unit VCEO collector-emitter voltage open base - - 50 V IO output current - - 100 mA R1 bias resistor 1 (input) 3.3 4.7 6.1 k Ω R2/R1 bias resistor ratio 1.7 2.1 2.6 |
유사한 부품 번호 - PDTC143XT |
|
유사한 설명 - PDTC143XT |