전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430F6435IPZR 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 MSP430F6435IPZR
상세설명  MSP430F643x Mixed-Signal Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6435IPZR 데이터시트(HTML) 10 Page - Texas Instruments

Back Button MSP430F6435IPZR Datasheet HTML 6Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 7Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 8Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 9Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 10Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 11Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 12Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 13Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 128 page
background image
Figure 7-3 shows the pinout for all devices in the 113-pinZCA or ZQW package. See Table 7-1 for pin
assignments and descriptions.
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
C1
C2
C3
C11
C12
D1
D2
D4
D5
D6
D7
D8
D9
D11
D12
E1
E2
E4
E5
E6
E7
E8
E9
E11
E12
F1
F2
F4
F5
F8
F9
F11
F12
G1
G2
G4
G5
G8
G9
G11
G12
J1
J2
J4
J5
J6
J7
J8
J9
J11
J12
H1
H2
H4
H5
H6
H7
H8
H9
H11
H12
K1
K2
K11
K12
L1
L2
L3
L4
L5
L6
L7
L8
L9
L10
L11
L12
M1
M2
M3
M5
M6
M7
M8
M9
M10
M11
M12
M4
NOTE: For terminal assignments, see Table 7-1.
Figure 7-3. 113-Pin ZCA or ZQW Package (Top View) – MSP430F6438, MSP430F6435, MSP430F6433
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720F – AUGUST 2010 – REVISED SEPTEMBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More