전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DO-16TY-USB 데이터시트(PDF) 3 Page - Contec Co., Ltd

부품명 DO-16TY-USB
상세설명  Digital Output Terminal for USB2.0
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONTEC [Contec Co., Ltd]
홈페이지  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

DO-16TY-USB 데이터시트(HTML) 3 Page - Contec Co., Ltd

  DO-16TY-USB Datasheet HTML 1Page - Contec Co., Ltd DO-16TY-USB Datasheet HTML 2Page - Contec Co., Ltd DO-16TY-USB Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ver.1.02
DO-16TY-USB
3
Cable connection
When connecting the product to an external device, you can
use the supplied connector plug.
For wiring, strip off approximately 9 - 10mm of the covered part
of a wire rod and then insert it to the opening. After the insertion,
secure the wire rod with screws.
Compatible wires are AWG
28 - 16.
CAUTION
Removing the connector plug by grasping the cable can
break the wire.
When connecting the connector plug to the product, be sure
to insert it in the interior.
9 - 10mm
- Applicable plug(accessory bundled)
14 pin (Screw Terminal)
Plug header
Output Circuit
External device
Output pin
Vcc
10k
Ω
GND
GND
Un-connected
Board
+5V output
Signal
commmon
Vcc
74LS07
(Open-collector)
PolySwitch
*
Output pin: O-xx
*
One PolySwitch is connected to all of the +5V output pins.
The output circuit of this product is illustrated in the above
figure.
Signal outputs are open-collector outputs; individual output
signals are sent to the external device as active low signals.
Note that each signal output must be pulled up at the external
device as it is not pulled up internally.
Surge absorption diodes are connected to the output circuit.
CAUTION
When the PC is turned on, all output are reset to OFF.
Example of Connection to LED
O-10 (CN1 : 11 pin)
LED
2k
Ω
+5V (CN1 : 14 pin)
When "1" is output to a relevant bit, the corresponding LED comes on.
When "0" is output to the bit, in contrast, the LED goes out.
A protection function, which prevents excessive current flow
from the +5V outputs, is attached to this terminal.
In case of
accidental short of the +5V output and GND, for example, the
function works, and the terminal operation may become
impossible temporarily.
In such a case, you should turn the
PC off and wait for several minutes before you use the terminal
again.
USB
Controll
&
CPU
GND
D-
D+
VCC
Digital Output
Digital Output
Open-
Collector
Open-
Collector
Output Circuit
A Protection Function of the +5V Outputs
Block Diagram



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com