전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBP201 데이터시트(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

부품명 KBP201
상세설명  2.0A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
홈페이지  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

KBP201 데이터시트(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  KBP201 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD KBP201 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD KBP201 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KBP201 THRU KBP210 KBP
2 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
150
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 #TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
1.2
1.4
0
0.1
1.0
10
0.6
0.8
1.0
.01
1.8
1.6
TJ = 25 C
PULSE WIDTH 300us
FIG.2 #MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
05
10
15
20
45
40
35
30
25
Single Half#Sine#Wave
FIG.1 #FORWARD CURRENT DERATING CURVE
TEMPERATURE , C
FIG.3 #TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10.0
0.1
100
10
1.0
TJ = 25 C, f= 1MHz
1.0
Vsig=50mV p#p
100
4
FIG.5 #TYPICAL REVERSE CHARACTERISTICS
20
40
120
140
0
0.01
0.1
1000
10
60
80
100
TJ = 25 C
1.0
TJ = 125 C
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
100
0
1.0
2.0
0
50
100



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com