전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB1F 데이터시트(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

부품명 MB1F
상세설명  0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
홈페이지  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MB1F 데이터시트(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MB1F Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MB1F Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MB1F Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MB1F THRU MB10F MBF
3 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
MBF
MBF
4
5000
Tape/Reel,13”reel
Package Outline
Plastic surface mounted package; leads
The recommended mounting pad size
Summary of Packing Options
Package
Packing Description
Packing Quantity
Industry Standard
EIA-481-1
UNIT
mm
1.6
0.22
5.0
4.1
7.0
1.2
0.15
4.5
3.6
6.4
7°
max
min
mil
max
min
63
47
8.7
5.9
197
177
161
142
276
252
A
C
D
E
HE
∠
d
0.8
0.5
31
20
e
2.7
2.3
106
91
∠ALL ROUND
HE
E
d
L
a
L1
L
L1
a
1.7
1.3
1.1
0.5
51
67
20
43
0.2
8
2.5
100
0.9
35
6.0
236
2.4
94
mm
(mil)
Unit :



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com