| 전자부품 데이터시트 검색엔진 |
|
SAMA5D27 데이터시트(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAMA5D27 데이터시트(HTML) 46 Page - Microchip Technology |
|
46 / 55 page ![]() ...........continued Symbol Common Dimensions Comments Min. Typ. Max. Pad Width(1) P2 – 0.600 – Solder Mask defined 0.550 Pad Space(1) aaa – 0.200 – – Opening Drilling Diameter φff – 0.400 – 0.400 typic minus metallization Pad Count n – 176 – – Edge Center to Center X E1 37.550 37.630 37.700 – Y D1 34.400 34.480 34.550 – X E2 35.550 35.630 35.700 – Y D2 32.400 32.480 32.550 – Pad Axis to Edge(1) X P2Ea – 2.000 – – Y P2Eb – 2.600 – – Note: 1. Tolerances are defined upon: – IPC A600 - Class2 – IPC 2615 WARNING Test points placed on the bottom side are used for factory test only. It is not possible to connect external devices on these test points. 10.2 Module Land Pattern The SAMA5D27 SOM1 Module has the following recommended Land Pattern characteristics. SAMA5D27 SOM1 Mechanical Characteristics © 2020 Microchip Technology Inc. Datasheet DS60001521D-page 46 |