전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD10226/PCB 데이터시트(PDF) 17 Page - Analog Devices

부품명 AD10226/PCB
상세설명  Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD10226/PCB 데이터시트(HTML) 17 Page - Analog Devices

Back Button AD10226/PCB Datasheet HTML 12Page - Analog Devices AD10226/PCB Datasheet HTML 13Page - Analog Devices AD10226/PCB Datasheet HTML 14Page - Analog Devices AD10226/PCB Datasheet HTML 15Page - Analog Devices AD10226/PCB Datasheet HTML 16Page - Analog Devices AD10226/PCB Datasheet HTML 17Page - Analog Devices AD10226/PCB Datasheet HTML 18Page - Analog Devices AD10226/PCB Datasheet HTML 19Page - Analog Devices AD10226/PCB Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. 0
AD10226
–17–
AGNDB
C35
0.1 F
E50
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDA
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
DGNDB
A1
A2
A3
A4
A5
A6
A9
A12
B1
B2
B3
B4
B5
B6
B9
B12
C1
C2
C3
C4
C5
C6
C9
C12
D1
D2
D3
D4
D5
D6
D9
D12
E1
E2
E3
E4
F1
F2
F3
F4
G1
G2
G3
G4
H1
H2
H3
H4
K1
K2
K3
K4
K10
K11
K12
L1
L2
L3
L4
L10
L11
L12
M10
M11
M12
N10
N11
N12
P1
P2
P3
P4
P10
P11
P12
R10
R11
R12
T10
T11
T12
AA1
AA2
AA3
AA4
AB5
AB13
AC1
AC2
AC3
AC4
AC5
AC13
AD1
AD2
AD3
AD4
AD5
AD13
AE1
AE2
AE3
AE4
AE5
AE13
AA22
AA23
AA24
AA25
AB14
AB21
AC14
AC21
AC22
AC23
AC24
AC25
AD14
AD21
AD22
AD23
AD24
AD25
AE14
AE21
AE22
AE23
AE24
AE25
AGNDA
DGNDA
DGNDB
JP4
AGNDA
C36
0.047 F
AGNDA
JP6
AGNDA
JP3
AGNDA
+5VAA
5VAA
5VAA
5VAA
5VAA
5VAA
5VAA
5VAA
5VAA
3.3VDA
3.3VDA
3.3VDA
3.3VDA
SHEILD
SHEILD
SHEILD
SHEILD
SHEILD
SHEILD
SHEILD
SHEILD
SHEILD
SHEILD
SHEILD
3.3VDB
3.3VDB
3.3VDB
3.3VDB
5VAB
5VAB
5VAB
5VAB
5VAB
5VAB
5VAB
5VAB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
AGNDB
J1
J2
J3
J4
A10
B10
C10
D10
R1
R2
R3
R4
A13
B13
C13
D13
K13
L13
M13
N13
P13
R13
T13
P22
P23
P24
P25
A16
B16
C16
D16
A18
B18
C18
D18
A14
A15
A17
A21
A22
A23
A24
A25
B14
B15
B17
B21
B22
B23
B24
B25
C14
C15
C17
C21
C22
C23
C24
C25
D14
D15
D17
D21
D22
D23
D24
D25
E22
E23
E24
E25
F22
F23
F24
F25
G22
G23
G24
G25
H22
H23
H24
H25
K14
K15
K16
K22
K23
K24
K25
L14
L15
L16
M14
M15
M16
N14
N15
N16
N22
N23
N24
N25
P14
P15
P16
R14
R15
R16
T14
T15
T16
AGNDB
JP12
AGNDB
JP9
AGNDB
JP8
C37
0.047 F
+5VAA
DUT_3.3VDA
DUT_3.3VDB
+5VAB
AGNDA
C33
0.1 F
E49
AD10226
+5VAA
+5VAA
+5VAA
+5VAB
+5VAB
+5VAB
+5VAB
AGNDB
Figure 7d. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20