| 전자부품 데이터시트 검색엔진 |
|
TP5335 데이터시트(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TP5335 데이터시트(HTML) 1 Page - Microchip Technology |
|
1 / 12 page ![]() 2018-2020 Microchip Technology Inc. DS20005704B-page 1 TP5335 Features • High Input Impedance and High Gain • Low Power Drive Requirement • Ease of Paralleling • Low CISS and Fast Switching Speeds • Excellent Thermal Stability • Integral Source-Drain Diode • Free from Secondary Breakdown Applications • Logic-Level Interfaces (Ideal for TTL and CMOS) • Solid-State Relays • Analog Switches • Power Management • Telecommunication Switches General Description The TP5335 is a low-threshold, Enhancement-mode (normally-off) transistor that utilizes an advanced vertical DMOS structure and a well-proven silicon gate manufacturing process. This combination produces a device with the power handling capabilities of bipolar transistors and the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, this device is free from thermal runaway and thermally induced secondary breakdown. Microchip’s vertical DMOS FETs are ideally suited to a wide range of switching and amplifying applications where high breakdown voltage, high input impedance, low input capacitance and fast switching speeds are desired. Package Type 3-lead SOT-23 (TO-236AB) (Top view) See Table 2-1 for pin information. DRAIN SOURCE GATE P-Channel Enhancement-Mode Vertical DMOS FET |
유사한 부품 번호 - TP5335 |
|
유사한 설명 - TP5335 |