전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SH79F166AP044PR 데이터시트(PDF) 82 Page - List of Unclassifed Manufacturers

부품명 SH79F166AP044PR
상세설명  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR 데이터시트(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 78Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 79Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 80Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 81Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 82Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 83Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 84Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 85Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 113 page
background image
SH79F166A
82
从机1
从机2
SADDR
10100100
10100111
SADEN(为0的位被忽略)
11111010
11111001
实际从机地址
10100x0x
10100xx1
广播地址(SADDR或SADEN)
1111111x
11111111
从机1和从机2给定地址的最低位是不同的。从机1忽略了最低位,而从机2的最低位是1。因此只与从机1通讯时,主机必须
发送最低位为0的地址(10100000)。类似地,从机1的第1位为0,从机2的第1位被忽略。因此,只与从机2通讯时,主机必须
发送第1位为1的地址(10100011)。如果主机希望同时与两从机通讯,则第0位为1,第1位为0,第2位被两从机都忽略,此时
有两个不同的地址用于选定两个从机(1010 0001和1010 0101)。
主机可以通过广播地址与所有从机同时通讯。这个地址等于SADDR和SADEN的逻辑或,结果中的0表示该位被忽略。多数
情况下,广播地址为0xFFh,该地址可被所有从机应答。
系统复位后,SADDR和SADEN两个寄存器初始化为0,这两个结果设定了给定地址和广播地址为XXXXXXXX(所有位都被
忽略)。这有效地去除了多处机通讯的特性,禁止了自动寻址方式。这样的EUART将对任何地址都产生应答,兼容了不支持自
动地址识别的8051控制器。用户可以按照上面提到的方法实现软件识别地址的多机通讯。
8.4.5 帧出错检测
当寄存器PCON中的SSTAT位为逻辑1时,帧出错检测功能才有效。3个错误标志位被置1后,只能通过软件清零,尽管后续
接收的帧没有任何错误也不会自动清零。
注意:SSTAT位必须为逻辑1是访问状态位(FE,RXOV和TXCOL),SSTAT位为逻辑0时是访问方式选择位(SM0,SM1
和SM2)。
发送冲突
如果在一个发送正在进行时,用户软件写数据到SBUF寄存器时,发送冲突位(SCON寄存器中的TXCOL位)置1。如果发
生了冲突,新数据会被忽略,不能被写入发送缓冲器。
接收溢出
如果在接收缓冲器中的数据未被读取之前,RI清0。又有新的数据存入接收缓冲器,那么接收溢出位(SCON寄存器中的RXOV
位)置1。如果发生了接收溢出,接收缓冲器中原来的数据将丢失。
帧出错
如果检测到一个无效(低)停止位,那么帧出错位(寄存器SCON中的FE)置1。
暂停检测
当连续检测到11个位都为低电平位时,则认为检测到一个暂停。由于暂停条件同样满足帧错误条件,因此检测到暂停时也
会报告帧错误。一旦检测到暂停条件,UART将进入空闲状态并一直保持,直至接收到有效停止位(RXD引脚上出现上升沿)。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More