전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B048F030T21 데이터시트(PDF) 6 Page - Vicor Corporation

부품명 B048F030T21
상세설명  VI Chip - BCM Bus Converter Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VICOR [Vicor Corporation]
홈페이지  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048F030T21 데이터시트(HTML) 6 Page - Vicor Corporation

Back Button B048F030T21 Datasheet HTML 2Page - Vicor Corporation B048F030T21 Datasheet HTML 3Page - Vicor Corporation B048F030T21 Datasheet HTML 4Page - Vicor Corporation B048F030T21 Datasheet HTML 5Page - Vicor Corporation B048F030T21 Datasheet HTML 6Page - Vicor Corporation B048F030T21 Datasheet HTML 7Page - Vicor Corporation B048F030T21 Datasheet HTML 8Page - Vicor Corporation B048F030T21 Datasheet HTML 9Page - Vicor Corporation B048F030T21 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
B048K030T21
Rev. 1.0
Page 6 of 15
V•I Chip Bus Converter Module
PRELIMINARY
Symbol
Parameter
Min
Typ
Max
Unit
Note
Over temperature shutdown
125
130
135
°C
Junction temperature
Thermal capacity
0.61
Ws/°C
BGA package
RθJC
Junction-to-case thermal impedance
1.1
1.5
°C/W
RθJB
Junction-to-BGA thermal impedance
2.1
2.5
°C/W
RθJA
Junction-to-ambient (1)
6.5
7.2
°C/W
RθJA
Junction-to-ambient (2)
5.0
5.5
°C/W
Thermal
Notes:
(1 B048K030T21 surface mounted in-board to a 2" x 2" FR4 board, 4 layers 2 oz Cu, 300 LFM.
(2) B048K030T21 with optional 0.25"H Pin Fins surface mounted on FR4 board, 300 LFM.
Test
Standard
Environment
BGA solder fatigue evaluation
IPC-9701
Cycle condition: TC3 (-40 to +125°C)
IPC-SM-785
Test duration: NTC-B (500 failure free cycles)
Solder ball shear test
IPC-9701
Failure through bulk solder or copper pad lift-off
V•I Chip Ball Grid Array Interconnect Qualification
Specifications (continued)
V•I Chip Stress Driven Product Qualification Process
Test
Standard
Environment
High Temperature Operational Life (HTOL)
JESD22-A-108-B
125°C, Vmax, 1,008 hrs
Temperature cycling
JESD22-A-104B
-55°C to 125°C, 1,000 cycles
High temperature storage
JESD22-A-103A
150°C, 1,000 hrs
Moisture resistance
JESD22-A113-B
Moisture sensitivity Level 5
Temperature Humidity Bias Testing (THB)
EIA/JESD22-A-101-B
85°C, 85% RH, Vmax, 1,008 hrs
Pressure cooker testing (Autoclave)
JESD22-A-102-C
121°C, 100% RH, 15 PSIG, 96 hrs
Highly Accelerated Stress Testing (HAST)
JESD22-A-110B
130°C, 85% RH, Vmax, 96 hrs
Solvent resistance/marking permanency
JESD22-B-107-A
Solvents A, B & C as defined
Mechanical vibration
JESD22-B-103-A
20g peak, 20-2,000 Hz, test in X, Y & Z directions
Mechanical shock
JESD22-B-104-A
1,500g peak 0.5 ms pulse duration, 5 pulses in 6 directions
Electro static discharge testing – human body model
EIA/JESD22-A114-A
Meets or exceeds 2,000 Volts
Electro static discharge testing – machine model
EIA/JESD22-A115-A
Meets or exceeds 200 Volts
Highly Accelerated Life Testing (HALT)
Per Vicor Internal
Operation limits verified, destruct margin determined
Test Specification(1)
Dynamic cycling
Per Vicor internal
Constant line, 0-100% load, -20°C to 125°C
test specification(1)
Note:
(1) For details of the test protocols see Vicor’s website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com