| 전자부품 데이터시트 검색엔진 |
|
LP0701N3G 데이터시트(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LP0701N3G 데이터시트(HTML) 6 Page - Microchip Technology |
|
6 / 14 page ![]() LP0701 DS20005447A-page 6 2018 Microchip Technology Inc. 3.0 PIN DESCRIPTION The details on the pins of LP0701 3-lead TO-92 and 8-lead SOIC are listed in Table 3-1 and Table 3-2, respectively. Refer to Package Types for the location of pins. TABLE 3-1: 3-LEAD TO-92 PIN FUNCTION TABLE Pin Number Pin Name Description 1 Source Source 2 Gate Gate 3 Drain Drain TABLE 3-2: 8-LEAD SOIC PIN FUNCTION TABLE Pin Number Pin Name Description 1 NC No connection 2 NC No connection 3 Source Source 4 Gate Gate 5 Drain Drain 6 Drain Drain 7 Drain Drain 8 Drain Drain |