전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MGC3140 데이터시트(PDF) 15 Page - Microchip Technology

부품명 MGC3140
상세설명  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 데이터시트(HTML) 15 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 11Page - Microchip Technology MGC3140 Datasheet HTML 12Page - Microchip Technology MGC3140 Datasheet HTML 13Page - Microchip Technology MGC3140 Datasheet HTML 14Page - Microchip Technology MGC3140 Datasheet HTML 15Page - Microchip Technology MGC3140 Datasheet HTML 16Page - Microchip Technology MGC3140 Datasheet HTML 17Page - Microchip Technology MGC3140 Datasheet HTML 18Page - Microchip Technology MGC3140 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
Figure 4-5. Sensor Touch Diagram
Touch
Touch
detected
Tap
Tap
detected
Max Tap Duration
0s-1s
Double Tap
Double Tap
detected
Max Double Tap Duration
0s-1s
Max Tap Duration
0s-1s
Tap
detected
4.2.1.3
Approach Detection
Figure 4-6. Approach Detection
Approach Detection is an embedded power-saving feature of Microchip’s Colibri Suite. It sends MGC3140
to Sleep mode and scans periodically the sensing area to detect the presence of a human hand. Utilizing
the built-in Self Wake-up mode, Approach Detection alternates between Sleep and Scan phase. During
the Scan phase, the approach of a human hand can be detected while very low power is consumed.
A detected approach of a user exceeding configured threshold criteria will alternate the MGC3140 from
Self Wake-up to Processing mode or even the application host in the overall system.
Within the Approach Detection sequence, the following scans are performed:
•
Approach Scan
MGC3140
Feature Description
© 2018 Microchip Technology Inc.
DS40002037A-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49