전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF2127A 데이터시트(PDF) 46 Page - NXP Semiconductors

부품명 PCF2127A
상세설명  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127A 데이터시트(HTML) 46 Page - NXP Semiconductors

Back Button PCF2127A Datasheet HTML 42Page - NXP Semiconductors PCF2127A Datasheet HTML 43Page - NXP Semiconductors PCF2127A Datasheet HTML 44Page - NXP Semiconductors PCF2127A Datasheet HTML 45Page - NXP Semiconductors PCF2127A Datasheet HTML 46Page - NXP Semiconductors PCF2127A Datasheet HTML 47Page - NXP Semiconductors PCF2127A Datasheet HTML 48Page - NXP Semiconductors PCF2127A Datasheet HTML 49Page - NXP Semiconductors PCF2127A Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
PCF85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 7 — 30 March 2018
46 of 65
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
14. Application information
The data sheet values were obtained using a crystal with an ESR of 60 k
. If a crystal with
an ESR of 70 k
 is used then the power consumption would increase by a few nA and the
start-up time will increase slightly.
A 1 farad super capacitor combined with a low VF diode can be used as a standby or back-up
supply. With the RTC in its minimum power configuration that is, timer off and CLKOUT off, the
RTC may operate for weeks.
(1) R1 limits the inrush current to the super capacitor at power-on.
(2) NXP recommends tying VDD of the device and VDD of all the external pull-up resistors to the same
Power Supply.
(3) NXP also recommends the customer place accessible 'Pads/TP-test point' on the layout so as to
enable a 'hard'' grounding of the power supply VDD in the event a full discharge cannot be attained.
Fig 31. Application diagram for PCF85063A
PCF85063A
MASTER
TRANSMITTER/
RECEIVER
OSCI
OSCO
VSS
SDA
R
aaa-004438
R
SCL
SDA
(I2C-bus)
SCL
SDA
SCL
INT
VDD CLKOE
VDD(2)
R1(1)
100 nF
R: pull-up resistor
R =
tr
Cb
CLKOUT
1 F
TP(3)
VDD(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65