전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CF6 데이터시트(PDF) 2 Page - Apacer Technology Inc.

부품명 CF6
상세설명  Apacer Compact Flash6 card
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APACER [Apacer Technology Inc.]
홈페이지  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

CF6 데이터시트(HTML) 2 Page - Apacer Technology Inc.

  CF6 Datasheet HTML 1Page - Apacer Technology Inc. CF6 Datasheet HTML 2Page - Apacer Technology Inc. CF6 Datasheet HTML 3Page - Apacer Technology Inc. CF6 Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Industrial CF6 (MLC)
Overview
‧ Built-in ATA Secure Erase and S.M.A.R.T. Functions
‧ Advanced wear-leveling and Block Management
‧ Power Failure Management
‧ Wide Temp
Apacer CompactFlash 6 card is compliant with the CFA 6.0
specifications. Apacer adopts the standard 50-pin connector and MLC
chip featuring lower cost and higher capacity for the card. It is
available in capacities from 8GB to 128GB. The data transfer mode is
up to PIO-6, Multi-Word DMA-4 and Ultra DMA-7 with the sequential
read/write speed reaching as fast as 110/65 MB/sec. To help data
stay correct, this CompactFlash 6 memory card also supports 72-bit
ECC function, wear-leveling function and S.M.A.R.T. (Self-monitoring,
Analysis, and Reporting Technology), thereby substantially enhancing
product reliability.
*The actual available memory on the device is less than what is listed
on the package. This is due to small discrepancies in file formats and
algorithms used by various operating systems. In addition, a portion
of memory space is reserved for system files and data sectors for
better performance.
Feature



Html Pages

1 2 3 4