| 전자부품 데이터시트 검색엔진 |
|
DP83TG720SWRHARQ1 데이터시트(PDF) 67 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DP83TG720SWRHARQ1 데이터시트(HTML) 67 Page - Texas Instruments |
|
67 / 199 page ![]() 7.6.2.11 MII_REG_18 Register (Address = 0x18) [reset = 0x8] MII_REG_18 is shown in Table 7-34. Return to the Summary Table. Table 7-34. MII_REG_18 Register Field Descriptions Bit Field Type Reset Description 15 ack_received_int R 1b0 Ack received interrupt status (OAM) 14 tx_valid_clr_int R 1b0 mr_tx_valid clear interrupt status (OAM) 13 link_state_ind_fall_bmw_i nt R 1b0 BMW interrupt status (see advanced features) 12 link_state_ind_rise_bmw_i nt R 1b0 BMW interrupt status(see advanced features) 11 por_done_int R 1b0 POR done interrupt status 10 no_frame_int R 1b0 No frame detect interrupt status 9 wake_req_int R 1b0 Wake request interrupt status 8 lps_int R 1b0 LPS interrupt status 7 ack_received_int_en R/W 1b0 Ack received interrupt enable (OAM) 6 tx_valid_clr_int_en R/W 1b0 mr_tx_valid clear interrupt enable (OAM) 5 link_state_ind_fall_bmw_i nt_en R/W 1b0 BMW interrupt (see advanced features) 4 link_state_ind_rise_bmw_i nt_en R/W 1b0 BMW interrupt (see advanced features) 3 por_done_int_en R/W 1b1 POR done interrupt enable 2 no_frame_int_en R/W 1b0 No frame detect interrupt enable 1 wake_req_int_en R/W 1b0 Wake request interrupt enable 0 lps_int_en R/W 1b0 LPS interrupt enable www.ti.com DP83TG720S-Q1 SNLS604 – SEPTEMBER 2020 Copyright © 2020 Texas Instruments Incorporated Submit Document Feedback 67 |