전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P0908ATF 데이터시트(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

부품명 P0908ATF
상세설명  N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
홈페이지  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

P0908ATF 데이터시트(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  P0908ATF Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908ATF Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908ATF Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908ATF Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908ATF Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908ATF Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908ATF Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908ATF Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
P0908ATF
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
80
2
3.4
4
±100
nA
1
10
8.1
12
7
9
57
S
2853
355
199
0.9
Ω
VGS = 10V
55
VGS = 7V
41.5
15.3
19.4
37
45
61
42
26
A
1.4
V
34
nS
37
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
Drain-Source On-State
Resistance
1
RDS(ON)
mΩ
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
Total Gate Charge
2
Qg
IF = 20A , dIF/dt= 100A/ms
pF
VDS = 64V, VGS = 0V
IGSS
IDSS
VDS = 0V, VGS = ±20V
Ciss
nC
V(BR)DSS
VGS = 0V, ID = 250mA
Gate Threshold Voltage
V
VDS = VGS, ID = 250mA
VDS = 60V, VGS = 0V , TJ = 125 °C
Drain-Source Breakdown Voltage
VGS(th)
SYMBOL
Zero Gate Voltage Drain Current
Gate-Body Leakage
Qgs
gfs
DYNAMIC
VGS = 7V, ID = 15A
mA
VDS = 40V,VGS = 10V,
ID = 20A
Coss
Crss
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
VGS = 10V, ID = 20A
VDS = 10V, ID = 20A
Qgd
Input Capacitance
Output Capacitance
VGS = 0V, VDS = 25V, f = 1MHz
Forward Transconductance
1
Qrr
Reverse Recovery Charge
Continuous Current
Forward Voltage
1
Reverse Recovery Time
IS
VSD
trr
IF = 20A, VGS = 0V
nS
VDD = 40V,
ID @ 20A, VGS = 10V, RGEN = 6Ω
td(on)
tr
td(off)
tf
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
Fall Time
2
STATIC
LIMITS
UNITS
PARAMETER
TEST CONDITIONS
REV 1.0
2
2015/7/31



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com