전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS32K112BHTXMLUTR 데이터시트(PDF) 50 Page - NXP Semiconductors

부품명 FS32K112BHTXMLUTR
상세설명  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXMLUTR 데이터시트(HTML) 50 Page - NXP Semiconductors

Back Button FS32K112BHTXMLUTR Datasheet HTML 46Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 47Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 48Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 49Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 50Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 51Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 52Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 53Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
• QuadSPI trace length should be 3 inches.
• For non-Quad mode of operation if external device doesn’t have pull-up feature,
external pull-up needs to be added at board level for non-used pads.
• With external pull-up, performance of the interface may degrade based on load
associated with external pull-up.
Memory and memory interfaces
S32K1xx Data Sheet, Rev. 12, 02/2020
50
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100