| 전자부품 데이터시트 검색엔진 |
|
PCF8536AT 데이터시트(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT 데이터시트(HTML) 27 Page - NXP Semiconductors |
|
27 / 54 page ![]() PCA85233 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. Product data sheet Rev. 5 — 12 November 2018 27 of 54 NXP Semiconductors PCA85233 Automotive 80 × 4 LCD driver for low multiplex rates Having two reserved slave addresses allows the following on the same I2C-bus: • Up to 8 PCA85233 on the same I2C-bus for very large LCD applications • The use of two types of LCD multiplex drive modes on the same I2C-bus The I2C-bus protocol is shown in Figure 18. The sequence is initiated with a START condition (S) from the I2C-bus master which is followed by one of the available PCA85233 slave addresses. All PCA85233 with the same SA0 level acknowledge in parallel to the slave address. All PCA85233 with the alternative SA0 level ignore the whole I2C-bus transfer. After acknowledgement, the control byte is sent, defining if the next byte is a RAM or command information. The control byte also defines if the next byte is a control byte or further RAM or command data (see Figure 19 and Table 18). In this way it is possible to configure the device and then fill the display RAM with little overhead. Fig 18. I2C-bus protocol Fig 19. Control byte format |