| 전자부품 데이터시트 검색엔진 |
|
MAS3519F 데이터시트(PDF) 75 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MAS3519F 데이터시트(HTML) 75 Page - Micronas |
|
75 / 92 page ![]() DATA SHEET MAS 35x9F Micronas June 30, 2004; 6251-505-1DS 75 Fig. 4–23: Serial output interface timing Fig. 4–24: Sample timing of the SDO interface in 16 bit/sample mode D0:346 settings are bit[14] = 0 (SOC not inverted) bit[11] = 1 (SOI delay) bit[5] = 0 (word strobe not inverted) bit[4] = 1 (16 bits/sample) Fig. 4–25: Sample timing of the SDO interface in 32 bit/sample mode D0:346 settings are bit[14] = 0 (SOC not inverted) bit[11] = 0 (no SOI delay) bit[5] = 1 (word strobe inverted) bit[4] = 0 (32 bits/sample) H L H L H L TSOCLK TSOISS TSOISS TSOODC SOC SOI SOD SOC SOD Vh Vl SOI left 16-bit audio sample right 16-bit audio sample 15 14 13 12 11 10 98 76543210 13 12 11 10 9 8 76543210 15 14 Vh Vl Vh Vl 30 29 28 27 26 25 ... 76543210 31 30 29 28 27 26 25 76543210 left 32-bit audio sample right 32-bit audio sample SOC SOD SOI Vh Vl Vh Vl Vh Vl ... ... 31 ... |