전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFR9022 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited

부품명 IRFR9022
상세설명  isc P-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRFR9022 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited

  IRFR9022 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRFR9022 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc P-Channel MOSFET Transistor
IRFR9022
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= -0.25mA
-50
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= -0.25mA
-2.0
-4.0
V
RDS(on)
Drain-Source On-Resistance
VGS= -10V; ID= -5.7A
0.33
Ω
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0
±
500
nA
IDSS
Zero Gate Voltage Drain Current
VDS= -50V; VGS= 0
VDS= -40V; VGS= 0@TJ=125℃
-250
-1000
μ
A
VSD
Forward On-Voltage
IS= -9.9A; VGS= 0
-6.3
V
NOTICE:
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of
our products.
ISC products are intended for usage in general electronic equipment. The products are not
designed for use in equipment which require specialized quality and/or reliability, or in equipment
which could have applications in hazardous environments, aerospace industry, or medical
field. Please contact us if you intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular
purpose, nor does ISC assume any liability arising from the application or use of any products, and
specifically disclaims any and all liability, including without limitation special, consequential or
incidental damages.



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com