전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2903B 데이터시트(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2903B
상세설명  LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2903B 데이터시트(HTML) 34 Page - Texas Instruments

Back Button LM2903B Datasheet HTML 30Page - Texas Instruments LM2903B Datasheet HTML 31Page - Texas Instruments LM2903B Datasheet HTML 32Page - Texas Instruments LM2903B Datasheet HTML 33Page - Texas Instruments LM2903B Datasheet HTML 34Page - Texas Instruments LM2903B Datasheet HTML 35Page - Texas Instruments LM2903B Datasheet HTML 36Page - Texas Instruments LM2903B Datasheet HTML 37Page - Texas Instruments LM2903B Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM393PWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
LM393PWRG3
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
LM393PWRG4
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM193DR
SOIC
D
8
2500
350.0
350.0
43.0
LM2903AVQDR
SOIC
D
8
2500
340.5
338.1
20.6
LM2903AVQPWR
TSSOP
PW
8
2000
853.0
449.0
35.0
LM2903AVQPWRG4
TSSOP
PW
8
2000
853.0
449.0
35.0
LM2903BIDDFR
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
LM2903BIDR
SOIC
D
8
2500
340.5
338.1
20.6
LM2903BIDSGR
WSON
DSG
8
3000
210.0
185.0
35.0
LM2903BIPWR
TSSOP
PW
8
2000
853.0
449.0
35.0
LM2903DGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM2903DR
SOIC
D
8
2500
340.5
338.1
20.6
LM2903DR
SOIC
D
8
2500
853.0
449.0
35.0
LM2903DR
SOIC
D
8
2500
364.0
364.0
27.0
LM2903DR
SOIC
D
8
2500
333.2
345.9
28.6
LM2903DRG3
SOIC
D
8
2500
364.0
364.0
27.0
PACKAGE MATERIALS INFORMATION
www.ti.com
22-Oct-2020
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55