| 전자부품 데이터시트 검색엔진 |
|
74ACT164 데이터시트(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74ACT164 데이터시트(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF11553 November 1993 74ACT164 Serial-In Parallel-Out Shift Register General Description The 74ACT164 is a high-speed 8-bit serial-inparallel-out shift register Serial data is entered through a 2-input AND gate synchronous with the Low-to-High transition of the clock The device features an asynchronous Master Reset which clears the register setting all outputs Low indepen- dent of the clock Features Y Outputs sourcesink 24 mA Y ’ACT has TTL-compatible inputs Logic Symbol TLF11553 – 1 Pin Names Description A B Data Inputs CP Clock Pulse Input (Active Rising Edge) MR Master Reset Input (Active Low) Q0–Q7 Outputs Connection Diagram Pin Assignment for SOIC TLF11553 – 2 FACTTM is a trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M75Printed in U S A |
유사한 부품 번호 - 74ACT164 |
|
유사한 설명 - 74ACT164 |