| 전자부품 데이터시트 검색엔진 |
|
MDD26 데이터시트(PDF) 1 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
MDD26 데이터시트(HTML) 1 Page - IXYS Corporation |
|
1 / 3 page ![]() © 2000 IXYS All rights reserved 1 - 3 I FRMS = 2x 60 A I FAVM = 2x 36 A V RRM = 800-1800 V V RSM V RRM Type VV 900 800 MDD 26-08N1 B 1300 1200 MDD 26-12N1 B 1500 1400 MDD 26-14N1 B 1700 1600 MDD 26-16N1 B 1900 1800 MDD 26-18N1 B Symbol Test Conditions Maximum Ratings I FRMS T VJ = TVJM 60 A I FAVM T C = 100°C; 180° sine 36 A I FSM T VJ = 45°C; t = 10 ms (50 Hz), sine 650 A V R = 0 t = 8.3 ms (60 Hz), sine 760 A T VJ = TVJM t = 10 ms (50 Hz), sine 580 A V R = 0 t = 8.3 ms (60 Hz), sine 630 A òi2dt T VJ = 45°C t = 10 ms (50 Hz), sine 2100 A2s V R = 0 t = 8.3 ms (60 Hz), sine 2400 A2s T VJ = TVJM t = 10 ms (50 Hz), sine 1700 A2s V R = 0 t = 8.3 ms (60 Hz), sine 1900 A2s T VJ -40...+150 °C T VJM 150 °C T stg -40...+125 °C V ISOL 50/60 Hz, RMS t = 1 min 3000 V~ I ISOL £ 1 mA t = 1 s 3600 V~ M d Mounting torque (M5) 2.5-4/22-35 Nm/lb.in. Terminal connection torque (M5) 2.5-4/22-35 Nm/lb.in. Weight Typical including screws 90 g Symbol Test Conditions Characteristic Values I R T VJ = TVJM; VR = VRRM 10 mA V F I F = 80 A; TVJ = 25°C 1.38 V V T0 For power-loss calculations only 0.8 V r T T VJ = TVJM 6.1 m W Q S T VJ = 125°C; IF = 25 A, -di/dt = 0.6 A/ms50 mC I RM 6A R thJC per diode; DC current 1.0 K/W per module other values 0.5 K/W R thJK per diode; DC current see Fig. 6/7 1.2 K/W per module 0.6 K/W d S Creepage distance on surface 12.7 mm d A Strike distance through air 9.6 mm a Maximum allowable acceleration 50 m/s2 Features q International standard package JEDEC TO-240 AA q Direct copper bonded Al 2O3 -ceramic base plate q Planar passivated chips q Isolation voltage 3600 V~ q UL registered, E 72873 Applications q Supplies for DC power equipment q DC supply for PWM inverter q Field supply for DC motors q Battery DC power supplies Advantages q Space and weight savings q Simple mounting q Improved temperature and power cycling q Reduced protection circuits Dimensions in mm (1 mm = 0.0394") Diode Modules 312 TO-240 AA 1 2 3 MDD 26 Data according to IEC 60747 and refer to a single diode unless otherwise stated. IXYS reserves the right to change limits, test conditions and dimensions |
유사한 부품 번호 - MDD26 |
|
유사한 설명 - MDD26 |