| 전자부품 데이터시트 검색엔진 |
|
SN54LS168J 데이터시트(PDF) 4 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
SN54LS168J 데이터시트(HTML) 4 Page - ON Semiconductor |
|
4 / 6 page ![]() 5-4 FAST AND LS TTL DATA SN54/74LS168 • SN54/74LS169 DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified) Sb l P Limits Ui T C di i Symbol Parameter Min Typ Max Unit Test Conditions VIH Input HIGH Voltage 2.0 V Guaranteed Input HIGH Voltage for All Inputs VIL Input LOW Voltage 54 0.7 V Guaranteed Input LOW Voltage for VIL Input LOW Voltage 74 0.8 V pg All Inputs VIK Input Clamp Diode Voltage – 0.65 – 1.5 V VCC = MIN, IIN = – 18 mA VOH Output HIGH Voltage 54 2.5 3.5 V VCC = MIN, IOH = MAX, VIN = VIH VOH Output HIGH Voltage 74 2.7 3.5 V CC , OH , IN IH or VIL per Truth Table VOL Output LOW Voltage 54, 74 0.25 0.4 V IOL = 4.0 mA VCC = VCC MIN, VIN =VIL or VIH VOL Output LOW Voltage 74 0.35 0.5 V IOL = 8.0 mA VIN = VIL or VIH per Truth Table IIH Input HIGH Current Other Inputs CET Input 20 40 µA VCC = MAX, VIN = 2.7 V IIH Other Input CET Input 0.1 0.2 mA VCC = MAX, VIN = 7.0 V IIL Input LOW Current Other Input CET Input – 0.4 – 0.8 mA VCC = MAX, VIN = 0.4 V IOS Short Circuit Current (Note 1) –20 – 100 mA VCC = MAX ICC Power Supply Current 34 mA VCC = MAX Note 1: Not more than one output should be shorted at one time, nor for more than 1 second. FUNCTIONAL DESCRIPTION The SN54/74LS168 and SN54/74LS169 use edge- triggered D-type flip-flops that have no constraints on changing the control or data input signals in either state of the Clock. The only requirement is that the various inputs attain the desired state at least a set-up time before the rising edge of the clock and remain valid for the recommended hold time thereafter. The parallel load operation takes precedence over the other operations, as indicated in the Mode Select Table. When PE is LOW, the data on the P0–P3 inputs enters the flip-flops on the next rising edge of the Clock. In order for counting to occur, both CEP and CET must be LOW and PE must be HIGH. The U/D input then determines the direction of counting. The Terminal Count (TC) output is normally HIGH and goes LOW, provided that CET is LOW, when a counter reaches zero in the COUNT DOWN mode or reaches 15 (9 for the SN54/74LS168) in the COUNT UP mode. The TC output state is not a function of the Count Enable Parallel (CEP) input level. The TC output of the SN54/74LS168 decade counter can also be LOW in the illegal states 11, 13 and 15, which can occur when power is turned on or via parallel loading. If illegal state occurs, the SN54/74LS168 will return to the legitimate sequence within two counts. Since the TC signal is derived by decoding the flip-flop states, there exists the possibility of decoding spikes on TC. For this reason the use of TC as a clock signal is not recommended. MODE SELECT TABLE PE CEP CET U/D Action on Rising Clock Edge L X X X Load (Pn → Qn) H L L H Count Up (increment) H L L L Count Down (decrement) H H X X No Change (Hold) H X H X No Change (Hold) H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial |