전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF2129 데이터시트(PDF) 34 Page - NXP Semiconductors

부품명 PCF2129
상세설명  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129 데이터시트(HTML) 34 Page - NXP Semiconductors

Back Button PCF2129 Datasheet HTML 30Page - NXP Semiconductors PCF2129 Datasheet HTML 31Page - NXP Semiconductors PCF2129 Datasheet HTML 32Page - NXP Semiconductors PCF2129 Datasheet HTML 33Page - NXP Semiconductors PCF2129 Datasheet HTML 34Page - NXP Semiconductors PCF2129 Datasheet HTML 35Page - NXP Semiconductors PCF2129 Datasheet HTML 36Page - NXP Semiconductors PCF2129 Datasheet HTML 37Page - NXP Semiconductors PCF2129 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
34 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
9.5.3 I2C-bus error recovery technique
Slave devices like the PCA85063A use a state machine to implement the I2C protocol and
expect a certain sequence of events to occur to function properly. Unexpected events at
the I2C master can wreak havoc with the slaves connected on the bus. However, it is
usually possible to recover deterministically to a known bus state with careful protocol
manipulation.
A deterministic method to clear this situation if SDA is stuck LOW (it effectively blocks any
other I2C-bus transaction, once the master recognizes a ‘stuck bus’ state), is for the
master to blindly transmit nine clocks on SCL. If the slave was transmitting data or
acknowledging, nine or more clocks ensures the slave state machine returns to a known,
idle state since the protocol calls for eight data bits and one ACK bit. It does not matter
when the slave state machine finishes its transmission; extra clocks are recognized as
STOP conditions.
With careful design of the bus master error recovery firmware, many I2C-bus protocol
problems can be avoided.
S/W considerations: NXP recommends customers allow for S/W reset capability to enable
the bus error recovery technique. The 9-clock pulse method as described above involves
a bus-master capable of providing such a signal.
Further comments/additional information are available in Ref. 13 “UM10301” and Ref. 12
“UM10204”.
For multimaster configurations and to fasten the communication, the STOP-START sequence can be replaced by a repeated
START (Sr).
Fig 21. Master reads after setting register address (write register address; READ data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59