| 전자부품 데이터시트 검색엔진 |
|
LP5012 데이터시트(PDF) 37 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP5012 데이터시트(HTML) 37 Page - Texas Instruments |
|
37 / 51 page ![]() 10 Power Supply Recommendations The device is designed to operate from a VVCC input-voltage supply range from 2.7 V and 5.5 V. This input supply must be well-regulated and able to withstand maximum input current and maintain stable voltage without voltage drop even in a load-transition condition (start-up or rapid intensity change). The resistance of the input supply rail must be low enough that the input-current transient does not cause a drop below a 2.7-V level in the LP50xx VVCC supply voltage. 11 Layout 11.1 Layout Guidelines To prevent thermal shutdown, the junction temperature, TJ, must be less than T(TSD). If the voltage drop across the output channels is high, the device power dissipation can be large. The LP50xx device has very good thermal performance because of the thermal pad design; however, the PCB layout is also very important to ensure that the device has good thermal performance. Good PCB design can optimize heat transfer, which is essential for the long-term reliability of the device. Use the following guidelines when designing the device layout: • Place the CVCAP, CVCCand RIREF as close to the device as possible. Also, TI recommends putting the ground plane as Figure 11-1 and Figure 11-2. • Maximize the copper coverage on the PCB to increase the thermal conductivity of the board. The major heat flow path from the package to the ambient is through copper on the PCB. Maximum copper density is extremely important when no heat sinks are attached to the PCB on the other side from the package. • Add as many thermal vias as possible directly under the package ground pad to optimize the thermal conductivity of the board. • Use either plated-shut or plugged and capped vias for all the thermal vias on both sides of the board to prevent solder voids. To ensure reliability and performance, the solder coverage must be at least 85%. www.ti.com LP5009, LP5012 SLVSEH2B – MAY 2019 – REVISED AUGUST 2020 Copyright © 2020 Texas Instruments Incorporated Submit Document Feedback 37 Product Folder Links: LP5009 LP5012 |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |