전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PR4101 데이터시트(PDF) 8 Page - PREMA Semiconductor.

부품명 PR4101
상세설명  High Power LED Buck Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PREMA [PREMA Semiconductor.]
홈페이지  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4101 데이터시트(HTML) 8 Page - PREMA Semiconductor.

Back Button PR4101 Datasheet HTML 4Page - PREMA Semiconductor. PR4101 Datasheet HTML 5Page - PREMA Semiconductor. PR4101 Datasheet HTML 6Page - PREMA Semiconductor. PR4101 Datasheet HTML 7Page - PREMA Semiconductor. PR4101 Datasheet HTML 8Page - PREMA Semiconductor. PR4101 Datasheet HTML 9Page - PREMA Semiconductor. PR4101 Datasheet HTML 10Page - PREMA Semiconductor. PR4101 Datasheet HTML 11Page - PREMA Semiconductor. PR4101 Datasheet HTML 12Page - PREMA Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LED Driver PR4101
Examples for varying LED applications
TYPICAL APPLICATION WITH 12 VDC SUPPLY
The shown circuit drives 2 strings of 2 LEDs in series from a 12 VDC supply. The minimum supply voltage
is given by the forward voltage of the LEDs, the DC resistance of the inductor, and the RDSon of the FET. As
a rule of thumb, in most cases the supply voltage should be at least 2 V higher than the forward voltage
of the LEDs. Assuming a VF of 3.5 V per LED, this means that the circuit will work with a supply of 9V and
higher.
As there are two strings of LEDs in parallel, the forward voltage of the LEDs must be matching to avoid
an unequal current distribution.
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 8/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com