| 전자부품 데이터시트 검색엔진 |
|
2460 데이터시트(PDF) 5 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
2460 데이터시트(HTML) 5 Page - Emerson Network Power |
|
5 / 24 page ![]() Seamless integration of gauges from other vendors Replace your old tank management system with Rosemount TankMaster by connecting the system hub to the existing field devices, such as Enraf, Whessoe, or Varec. Rosemount TankMaster can seamlessly replace an existing inventory management system, still being able to communicate with the field devices in use. This often enables a better update rate than before. Emulation also enables the step-by-step modernization of a tank farm by replacing old field devices with Rosemount 5900 level gauges, temperature devices, and one or several tank hubs. Any Modbus field device that communicates via RS485 Modbus RTU can be integrated into Rosemount 2460. Up to three device types can be defined. Figure 4: Integration of Gauges From Other Vendors A C E B D A. TankMaster PC B. Rosemount 2410 Tank Hub C. Rosemount 2460 System Hub D. Rosemount 5900S Level Gauge E. Gauges in an existing system from another vendor May 2020 Rosemount 2460 Emerson.com/Rosemount 5 |