전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H747XI 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 STM32H747XI
상세설명  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H747XI 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button STM32H747XI Datasheet HTML 9Page - STMicroelectronics STM32H747XI Datasheet HTML 10Page - STMicroelectronics STM32H747XI Datasheet HTML 11Page - STMicroelectronics STM32H747XI Datasheet HTML 12Page - STMicroelectronics STM32H747XI Datasheet HTML 13Page - STMicroelectronics STM32H747XI Datasheet HTML 14Page - STMicroelectronics STM32H747XI Datasheet HTML 15Page - STMicroelectronics STM32H747XI Datasheet HTML 16Page - STMicroelectronics STM32H747XI Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 252 page
background image
DS12930 Rev 1
3/242
STM32H747xI/G
Introduction
46
1
Introduction
This document provides information on STM32H747xI/G microcontrollers, such as
description, functional overview, pin assignment and definition, electrical characteristics,
packaging, and ordering information.
This document should be read in conjunction with the STM32H747xI/G reference manual
(RM0399), available from the STMicroelectronics website www.st.com.
For information on the Arm®(a) Cortex®-M7 core and Arm® Cortex®-M4 core, please refer to
the Cortex®-M7 Technical Reference Manual, available from the http://www.arm.com
website.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More