| 전자부품 데이터시트 검색엔진 |
|
BMD-340-A-R 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
BMD-340-A-R 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 34 page ![]() BMD-340 Module Datasheet Bluetooth 5 + 802.15.4 July 24, 2018 BMD-340-DS V1.1 Page 2 of 34 BMD-340 Bluetooth 5 Low Energy SoC Module 32 MHz Crystal nRF52840-QIAA 1MB Flas h DC-DC Inductor Decoupling Capacitors Bulk Capacitors 2.4GHz Radio Multi-protocol TWI Master x2 SPI Master x4 SPI Slave x3 Core DC/DC Buck Regulator Core LDO 256kB RAM Low Power Comparator 8-ch 12-bit ADC UART x2 Quadrature Decoder SWD Debug & Programming Temperature Sensor Cloc k Management Watchdog Timer Random Number Gen Timer x5 Accel Address Resolver AES CCM Mode Encryption AES ECB Real Time Counter x3 GPIO Task Event Blocks Programmable Peripheral Interconnect ARM Cortex-M4F @ 64MHz Mat chi ng Network Internal Trace Antenna GPIO x48 (Analog x8) I2S TWI Slave x2 PWM x4 PDM General Purpose Comparator NFC Tag DC-DC Inductor 5V DC/DC Buck Regulator TWI Slave x2 QSPI Master w/XIP USB2.0 5V LDO ARM CryptoCell SW Interrupts Memory Watch Unit |