전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMDF2P02HDR2G 데이터시트(PDF) 3 Page - VBsemi Electronics Co.,Ltd

부품명 MMDF2P02HDR2G
상세설명  Dual P-Channel 30-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

MMDF2P02HDR2G 데이터시트(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  MMDF2P02HDR2G Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd MMDF2P02HDR2G Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd MMDF2P02HDR2G Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd MMDF2P02HDR2G Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd MMDF2P02HDR2G Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd MMDF2P02HDR2G Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd MMDF2P02HDR2G Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd MMDF2P02HDR2G Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd MMDF2P02HDR2G Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
4
8
12
16
0.0
0.5
1.0
1.5
2.0
VGS =10thru 5 V
VGS =3 V
VGS =4 V
VDS - Drain-to-Source Voltage (V)
0.01
0.03
0.05
0.07
0.09
010
20
30
40
VGS =4.5 V
VGS =10 V
ID - Drain Current (A)
0
2
4
6
8
10
09
18
27
36
VDS =22.5 V
ID = -6 .1 A
VDS =15 V
VDS =7.5 V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TC = 25 °C
TC = 125 °C
TC =- 55 °C
VGS - Gate-to-Source Voltage (V)
0
600
1200
1800
2400
0
6
12
18
24
30
Ciss
Coss
Crss
VDS - Drain-to-Source Voltage (V)
0.6
0.9
1.2
1.5
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS =10 V
VGS =4.5 V
ID = -6 .3 A
TJ -Junction Temperature (°C)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
MMDF2P02HDR2G
3



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com