전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EMMT-AS-80-L-LS-RMB 데이터시트(PDF) 3 Page - Festo Corporation.

부품명 EMMT-AS-80-L-LS-RMB
상세설명  Servo motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FESTO [Festo Corporation.]
홈페이지  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-AS-80-L-LS-RMB 데이터시트(HTML) 3 Page - Festo Corporation.

  EMMT-AS-80-L-LS-RMB Datasheet HTML 1Page - Festo Corporation. EMMT-AS-80-L-LS-RMB Datasheet HTML 2Page - Festo Corporation. EMMT-AS-80-L-LS-RMB Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feature
Value
MTTF, subcomponent
190 years, rotor position sensor
MTTFd, subcomponent
380 years, rotor position sensor
Switching cycles, holding brake
10 million idle actuations (without friction work!)
Product weight
4120 g
Interface code, motor out
80P
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Conforms to standard
IEC 60034
12/20/20 - Subject to change - Festo AG & Co. KG
3/3



Html Pages

1 2 3