전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FTK08DFN 데이터시트(PDF) 4 Page - First Silicon Co., Ltd

부품명 FTK08DFN
상세설명  Dual P-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK08DFN 데이터시트(HTML) 4 Page - First Silicon Co., Ltd

  FTK08DFN Datasheet HTML 1Page - First Silicon Co., Ltd FTK08DFN Datasheet HTML 2Page - First Silicon Co., Ltd FTK08DFN Datasheet HTML 3Page - First Silicon Co., Ltd FTK08DFN Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2014. 10. 10
FTK08DFN
Revision No : 0
Min.
Max.
Min.
Max.
A
0.700/0.800
0.800/0.900
0.028/0.031
0.031/0.035
A1
0.000
0.050
0.000
0.002
A3
D
1.924
2.076
0.076
0.082
E
1.924
2.076
0.076
0.082
D1
0.520
0.720
0.020
0.028
E1
0.900
1.100
0.035
0.043
k
b
0.250
0.350
0.010
0.014
e
L
0.174
0.326
0.007
0.013
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.650TYP.
0.026TYP.
.
N
I
M
8
0
0
.
0
.
N
I
M
0
0
2
.
0
0.203REF.
0.008REF.
4/4



Html Pages

1 2 3 4