전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F56514FDFP 데이터시트(PDF) 44 Page - Renesas Technology Corp

부품명 R5F56514FDFP
상세설명  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56514FDFP 데이터시트(HTML) 44 Page - Renesas Technology Corp

Back Button R5F56514FDFP Datasheet HTML 40Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 41Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 42Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 43Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 44Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 45Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 46Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 47Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 44 of 246
Jun 20, 2019
D14
PE7
D15[A15/
D15]/D7[A7/
D7]
MTIOC6A/
TOC1
MISOB-B
SDHI_WP/
MMC_RES#-B
LCD_DA
TA9-B
IRQ7
AN105
D15
P65
CKE/CS5#
E1
PJ5
POE8#
CTS2#/RTS2#/
SS2#
E2
EMLE
E3
PF5
IRQ4
E4
VSS
E5 *1
NC
E12
PE6
D14[A14/
D14]/D6[A6/
D6]
MTIOC6C/TIC1
MOSIB-B
SDHI_CD/
MMC_CD-B
LCD_DA
TA10-B
IRQ6
AN104
E13
TRDATA0
PG2
D26
E14
TRDATA1
PG3
D27
E15
P67
DQM1/CS7#
MTIOC7C
IRQ15
F1
VBATT
F2
VCL
F3
PJ3
EDACK1
MTIOC3C
ET0_EXOUT/
CTS6#/RTS6#/
SS6#/CTS0#/
RTS0#/SS0#
F4
BSCANP
F12
P66
DQM0/CS6#
MTIOC7D
F13
TRSYNC
PG4
D28
F14
PA0
DQM2/
BC0#/A0
MTIOC4A/
MTIOC6D/
TIOCA0/PO16/
CACREF
ET0_TX_EN/
RMII0_TXD_EN/
SSLA1-B
LCD_DA
TA8-B
F15
VSS
G1
XCIN
G2
XCOUT
G3
MD/FINED
G4
TRST#
PF4
G12
TRCLK
PG5
D29
G13
TRDATA2
PG6
D30
G14
PA1
DQM3/A1
MTIOC0B/
MTCLKC/
MTIOC7B/
TIOCB0/PO17
ET0_WOL/
SCK5/SSLA2-B
LCD_DA
TA7-B
IRQ11
G15
VCC
H1
XTAL
P37
H2
VSS
H3
RES#
H4
UPSEL
P35
NMI
H12
PA4
A4
MTIC5U/
MTCLKA/
TIOCA1/
TMRI0/PO20
ET0_MDC/TXD5/
SMOSI5/SSDA5/
SSLA0-B
LCD_DA
TA4-B
IRQ5-DS
Table 1.5
List of Pin and Pin Functions (177-Pin TFLGA, 176-Pin LFBGA) (3/8)
Pin
Number
Power Supply
Clock System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Memory Interface
Camera Interface
GLCDC
Interrupt
A/D
D/A
177-Pin
TFLGA
176-Pin
LFBGA
(MTU, TPU,
TMR, PPG,
RTC, CMTW,
POE, CAC)
(ETHERC, SCI,
RSPI, RIIC,
CAN, USB)
(QSPI, SDHI, SDSI,
MMCIF, PDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More