| 전자부품 데이터시트 검색엔진 |
|
TLE4943C 데이터시트(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4943C 데이터시트(HTML) 13 Page - Infineon Technologies AG |
|
13 / 48 page ![]() TLE4943C Data Sheet 13 V 1.2, July 2018 2.7.1 Definition of Rotation Direction The direction of rotation is positive if the direction of rotation and the positive Y – axis of the sensor head are pointing in the same direction. This is shown in Figure 7. The coordinate system must be regarded as fixed in the sensor head. This must be taken into consideration with assembly variations. In the left representation, frontside of the sensor (=marking) points to multipole ring (=encoder) located behind. For positive direction of rotation the direction of rotation bit (DR) is set to "0" . Figure 7 Definition of rotation direction, Sensor Marking (=Frontside) points to encoder Figure 8 Definition of rotation for back bias application, Sensor Marking (=Frontside) points to encoder For better understanding three different modes have to be considered: data protocol at normal speed, at high speed and standstill. Explanations will follow on next pages. N S VDD GND Back Positive Movement direction of target wheel Positive Magnetic Field |