전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BLUENRG-355AT 데이터시트(PDF) 54 Page - STMicroelectronics

부품명 BLUENRG-355AT
상세설명  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355AT 데이터시트(HTML) 54 Page - STMicroelectronics

Back Button BLUENRG-355AT Datasheet HTML 50Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 51Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 52Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 53Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 54Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 55Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 56Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 57Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
th(MO)
ns
Data output hold time
Master mode
2
-
th(SO)
Slave mode
4
1. The maximum frequency in slave transmitter mode is determined by the sum of tv(SO) and tsu(MI), which has to fit SCK low
or high phase preceding the SCK sampling edge. This value can be achieved when the SPI communicates with a master
having tsu(MI) = 0 while duty(SCK) = 50 %.
Figure 17. SPI timing diagram - slave mode and CPHA = 0
Figure 18. SPI timing diagram - slave mode and CPHA = 1
BlueNRG-LP
Operating conditions
DS13282 - Rev 2
page 54/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72