전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST715PU25R 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 ST715PU25R
상세설명  High input voltage, 85 mA LDO linear regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715PU25R 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button ST715PU25R Datasheet HTML 9Page - STMicroelectronics ST715PU25R Datasheet HTML 10Page - STMicroelectronics ST715PU25R Datasheet HTML 11Page - STMicroelectronics ST715PU25R Datasheet HTML 12Page - STMicroelectronics ST715PU25R Datasheet HTML 13Page - STMicroelectronics ST715PU25R Datasheet HTML 14Page - STMicroelectronics ST715PU25R Datasheet HTML 15Page - STMicroelectronics ST715PU25R Datasheet HTML 16Page - STMicroelectronics ST715PU25R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DocID14414 Rev 15
13/24
ST715
Package mechanical data
24
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 15. SOT23-5L drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24