전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

08641 데이터시트(PDF) 2 Page - 3M Electronics

부품명 08641
상세설명  Automix??Channel Bonding and Sidelite Adhesive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  3M [3M Electronics]
홈페이지  http://www.3m.com
Logo 3M - 3M Electronics

08641 데이터시트(HTML) 2 Page - 3M Electronics

  08641 Datasheet HTML 1Page - 3M Electronics 08641 Datasheet HTML 2Page - 3M Electronics 08641 Datasheet HTML 3Page - 3M Electronics 08641 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Handling and Application Information
Directions for Use
Follow the instructions for assembly and use of the Automix Application P.N. 08190 and the Mixing Nozzle P.N.
08197. To obtain the best bonding and durability of assemblies, all of the surfaces need to be thoroughly clean. It
is recommended that all glass be cleaned with 3M
TM
Glass Cleaner P.N. 08968. Metal can be cleaned with a
solvent such as 3M
TM
General Purpose Adhesive Cleaner P.N. 08984*. When bonding channel glass it is
recommended that enough adhesive is applied so a small amount of adhesive squeeze-out occurs.
2



Html Pages

1 2 3 4