전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F091RBT6TP 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 STM32F091RBT6TP
상세설명  ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RBT6TP 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button STM32F091RBT6TP Datasheet HTML 25Page - STMicroelectronics STM32F091RBT6TP Datasheet HTML 26Page - STMicroelectronics STM32F091RBT6TP Datasheet HTML 27Page - STMicroelectronics STM32F091RBT6TP Datasheet HTML 28Page - STMicroelectronics STM32F091RBT6TP Datasheet HTML 29Page - STMicroelectronics STM32F091RBT6TP Datasheet HTML 30Page - STMicroelectronics STM32F091RBT6TP Datasheet HTML 31Page - STMicroelectronics STM32F091RBT6TP Datasheet HTML 32Page - STMicroelectronics STM32F091RBT6TP Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 128 page
background image
DocID026284 Rev 4
29/128
STM32F091xB STM32F091xC
Pinouts and pin descriptions
40
Figure 4. LQFP100 package pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More