전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F9465PC 데이터시트(PDF) 4 Page - 3M Electronics

부품명 F9465PC
상세설명  3M™ Adhesive Transfer Tape with Plasticizer Resistant Adhesive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  3M [3M Electronics]
홈페이지  http://www.3m.com
Logo 3M - 3M Electronics

F9465PC 데이터시트(HTML) 4 Page - 3M Electronics

  F9465PC Datasheet HTML 1Page - 3M Electronics F9465PC Datasheet HTML 2Page - 3M Electronics F9465PC Datasheet HTML 3Page - 3M Electronics F9465PC Datasheet HTML 4Page - 3M Electronics F9465PC Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3M™ Adhesive Transfer Tape with Plasticizer Resistant Adhesive F9465PC
Family Group (continued)
ISO Statement
For Additional Information
Recognition/Certi cation
F9465PC
F9467U
Adhesive Thickness
(mm)
0.13
0.089
Liner
Polycoated Paper
Polycoated Paper
Liner Thickness (mm)
0.1
0.1
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.
To request additional product information or to arrange for sales assistance, call toll free 1-800-362-3550 or visit www.3M.com/adhesives. Address correspondence
to: 3M Industrial Adhesives and Tapes Division, Building 21-1W-10, 900 Bush Avenue, St. Paul, MN 55144-1000. Our fax number is 651-778-4244. In Canada, phone: 1-
800-364-3577. In Puerto Rico, phone: 1-787-750-3000. In Mexico, phone: 52-70-04-00.
TSCA: This product is de ned as an article under the Toxic Substances Control Act and therefore, it is exempt from inventory listing requirements
MSDS: 3M has not prepared a MSDS for this product which is not subjected to the MSDS requirements of the Occupational Safety and Health Administration’s Hazard
Communication Standard, 29 C.F.R.1910.1200(b)(6)(v). When used under reasonable conditions or in accordance with the 3M directions for use, this product should
not present a health and safety hazard. However, use or processing of the product in a manner not in accordance with the directions for use may a ect its performance
and present potential health and safety hazards.
Note: One of 3M’s core values is to respect our social and physical environment. 3M is committed to comply with ever-changing, global, regulatory and consumer
environmental, health, and safety (EHS) requirements. As a service to our customers, 3M is providing information on the regulatory status of many 3M products.
Further regulation information including that for OSHA, USCPSI, FDA, California Proposition 65, READY and RoHS, can be found at 3M.com/regs.



Html Pages

1 2 3 4 5