| 전자부품 데이터시트 검색엔진 |
|
STM32F091CCU6TP 데이터시트(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F091CCU6TP 데이터시트(HTML) 36 Page - STMicroelectronics |
|
36 / 128 page ![]() Pinouts and pin descriptions STM32F091xB STM32F091xC 36/128 DocID026284 Rev 4 L4 31 G4 22 G5 16 PA6 I/O TTa SPI1_MISO, I2S1_MCK, TIM3_CH1, TIM1_BKIN, TIM16_CH1, COMP1_OUT, TSC_G2_IO3, EVENTOUT, USART3_CTS ADC_IN6 M4 32 H4 23 E4 17 PA7 I/O TTa SPI1_MOSI, I2S1_SD, TIM3_CH2, TIM14_CH1, TIM1_CH1N, TIM17_CH1, COMP2_OUT, TSC_G2_IO4, EVENTOUT ADC_IN7 K5 33 H5 24 H5 - PC4 I/O TTa EVENTOUT, USART3_TX ADC_IN14 L5 34 H6 25 F4 - PC5 I/O TTa TSC_G3_IO1, USART3_RX ADC_IN15, WKUP5 M5 35 F5 26 G4 18 PB0 I/O TTa TIM3_CH3, TIM1_CH2N, TSC_G3_IO2, EVENTOUT, USART3_CK ADC_IN8 M6 36 G5 27 F3 19 PB1 I/O TTa TIM3_CH4, USART3_RTS, TIM14_CH1, TIM1_CH3N, TSC_G3_IO3 ADC_IN9 L6 37 G6 28 H4 20 PB2 I/O FT TSC_G3_IO4 - M7 38 -- -- PE7 I/O FT TIM1_ETR, USART5_CK_RTS - L7 39 - - - - PE8 I/O FT TIM1_CH1N, USART4_TX - M8 40 - - - - PE9 I/O FT TIM1_CH1, USART4_RX - L8 41 - - - - PE10 I/O FT TIM1_CH2N, USART5_TX - M9 42 - - - - PE11 I/O FT TIM1_CH2, USART5_RX - L9 43 - - - - PE12 I/O FT SPI1_NSS, I2S1_WS, TIM1_CH3N - M10 44 - - - - PE13 I/O FT SPI1_SCK, I2S1_CK, TIM1_CH3 - Table 13. STM32F091xB/xC pin definitions (continued) Pin numbers Pin name (function upon reset) Pin functions Alternate functions Additional functions |