| 전자부품 데이터시트 검색엔진 |
|
STM32F334C8T7TR 데이터시트(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F334C8T7TR 데이터시트(HTML) 39 Page - STMicroelectronics |
|
39 / 125 page ![]() DS9994 Rev 9 39/125 STM32F334x4 STM32F334x6 STM32F334x8 Pinout and pin descriptions 46 - - 27 35 E1 PB14 I/O TTa TIM15_CH1, TSC_G6_IO4, TIM1_CH2N, USART3_RTS_DE, HRTIM1_CHD1, EVENTOUT ADC2_IN14, OPAMP2_VINP - - 28 36 D3 PB15 I/O TTa TIM15_CH2, TIM15_CH1N, TIM1_CH3N, HRTIM1_CHD2, EVENTOUT ADC2_IN15, COMP6_INM, RTC_REFIN -- - 37 - PC6 I/O FT EVENTOUT, TIM3_CH1, HRTIM1_EEV10, COMP6_OUT - -- - 38 D4 PC7 I/O FT EVENTOUT, TIM3_CH2, HRTIM1_FLT5 - -- - 39 - PC8 I/O FT EVENTOUT, TIM3_CH3, HRTIM1_CHE1 - -- - 40 - PC9 I/O FT EVENTOUT, TIM3_CH4, HRTIM1_CHE2 - 18 18 29 41 D1 PA8 I/O FT MCO, TIM1_CH1, USART1_CK, HRTIM1_CHA1, EVENTOUT - 19 19 30 42 D2 PA9 I/O FT TSC_G4_IO1, TIM1_CH2, USART1_TX, TIM15_BKIN, TIM2_CH3, HRTIM1_CHA2, EVENTOUT - 20 20 31 43 C4 PA10 I/O FT TIM17_BKIN, TSC_G4_IO2, TIM1_CH3, USART1_RX, COMP6_OUT, TIM2_CH4, HRTIM1_CHB1, EVENTOUT - 21 21 32 44 C1 PA11 I/O FT TIM1_CH1N, USART1_CTS, CAN_RX, TIM1_CH4, TIM1_BKIN2, HRTIM1_CHB2, EVENTOUT - 22 22 33 45 C3 PA12 I/O FT TIM16_CH1, TIM1_CH2N, USART1_RTS_DE, COMP2_OUT, CAN_TX, TIM1_ETR, HRTIM1_FLT1, EVENTOUT - Table 13. STM32F334x4/6/8 pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |