전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G031C6 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STM32G031C6
상세설명  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031C6 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STM32G031C6 Datasheet HTML 5Page - STMicroelectronics STM32G031C6 Datasheet HTML 6Page - STMicroelectronics STM32G031C6 Datasheet HTML 7Page - STMicroelectronics STM32G031C6 Datasheet HTML 8Page - STMicroelectronics STM32G031C6 Datasheet HTML 9Page - STMicroelectronics STM32G031C6 Datasheet HTML 10Page - STMicroelectronics STM32G031C6 Datasheet HTML 11Page - STMicroelectronics STM32G031C6 Datasheet HTML 12Page - STMicroelectronics STM32G031C6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 117 page
background image
DS12992 Rev 2
9/117
STM32G031x4/x6/x8
Introduction
31
1
Introduction
This document provides information on STM32G031x4/x6/x8 microcontrollers, such as
description, functional overview, pin assignment and definition, electrical characteristics,
packaging, and ordering codes.
Information on memory mapping and control registers is object of reference manual.
Information on Arm®(a) Cortex®-M0+ core is available from the www.arm.com website.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More