전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H755BI 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 STM32H755BI
상세설명  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H755BI 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button STM32H755BI Datasheet HTML 9Page - STMicroelectronics STM32H755BI Datasheet HTML 10Page - STMicroelectronics STM32H755BI Datasheet HTML 11Page - STMicroelectronics STM32H755BI Datasheet HTML 12Page - STMicroelectronics STM32H755BI Datasheet HTML 13Page - STMicroelectronics STM32H755BI Datasheet HTML 14Page - STMicroelectronics STM32H755BI Datasheet HTML 15Page - STMicroelectronics STM32H755BI Datasheet HTML 16Page - STMicroelectronics STM32H755BI Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 252 page
background image
DS12919 Rev 1
13/252
STM32H755xI
Introduction
54
1
Introduction
This document provides information on STM32H755xI microcontrollers, such as description,
functional overview, pin assignment and definition, electrical characteristics, packaging, and
ordering information.
This document should be read in conjunction with the STM32H755xI reference manual
(RM0399), available from the STMicroelectronics website www.st.com.
For information on the Arm®(a) Cortex®-M7 core and Arm® Cortex®-M4 core, please refer to
the Cortex®-M7 Technical Reference Manual, available from the http://www.arm.com
website.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More