전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7269SA 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 TDA7269SA
상세설명  10W10W STEREO AMPLIFIER WITH MUTE & ST-BY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7269SA 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button TDA7269SA Datasheet HTML 3Page - STMicroelectronics TDA7269SA Datasheet HTML 4Page - STMicroelectronics TDA7269SA Datasheet HTML 5Page - STMicroelectronics TDA7269SA Datasheet HTML 6Page - STMicroelectronics TDA7269SA Datasheet HTML 7Page - STMicroelectronics TDA7269SA Datasheet HTML 8Page - STMicroelectronics TDA7269SA Datasheet HTML 9Page - STMicroelectronics TDA7269SA Datasheet HTML 10Page - STMicroelectronics TDA7269SA Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TDA7269SA
8/11
6
CLIPWATT ASSEMBLING SUGGESTIONS
The suggested mounting method of Clipwatt on external heat sink, requires the use of a clip placed as much
as possible in the plastic body center, as indicated in the example of figure 11.
A thermal grease can be used in order to reduce the additional thermal resistance of the contact between pack-
age and heatsink.
A pressing force of 7 - 10 Kg gives a good contact and the clip must be designed in order to avoid a maximum
contact pressure of 15 Kg/mm2 between it and the plastic body case.
As example , if a 15Kg force is applied by the clip on the package , the clip must have a contact area of 1mm2
at least.
Figure 11. Example of right placement of the clip



Html Pages

1 2 3 4 5 6 7 8 9 10 11