전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L021D4 데이터시트(PDF) 94 Page - STMicroelectronics

부품명 STM32L021D4
상세설명  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 16KB Flash, 2KB SRAM, 512B EEPROM, ADC, AES
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L021D4 데이터시트(HTML) 94 Page - STMicroelectronics

Back Button STM32L021D4 Datasheet HTML 90Page - STMicroelectronics STM32L021D4 Datasheet HTML 91Page - STMicroelectronics STM32L021D4 Datasheet HTML 92Page - STMicroelectronics STM32L021D4 Datasheet HTML 93Page - STMicroelectronics STM32L021D4 Datasheet HTML 94Page - STMicroelectronics STM32L021D4 Datasheet HTML 95Page - STMicroelectronics STM32L021D4 Datasheet HTML 96Page - STMicroelectronics STM32L021D4 Datasheet HTML 97Page - STMicroelectronics STM32L021D4 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 114 page
background image
Package information
STM32L021x4
94/114
DocID027982 Rev 5
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at http://www.st.com.
ECOPACK® is an ST trademark.
7.1
LQFP32 package information
Figure 31. LQFP32 - 32-pin, 7 x 7 mm, 32-pin low-profile quad flat package outline
1. Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More