전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32MP157FAD1T 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STM32MP157FAD1T
상세설명  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157FAD1T 데이터시트(HTML) 4 Page - STMicroelectronics

  STM32MP157FAD1T Datasheet HTML 1Page - STMicroelectronics STM32MP157FAD1T Datasheet HTML 2Page - STMicroelectronics STM32MP157FAD1T Datasheet HTML 3Page - STMicroelectronics STM32MP157FAD1T Datasheet HTML 4Page - STMicroelectronics STM32MP157FAD1T Datasheet HTML 5Page - STMicroelectronics STM32MP157FAD1T Datasheet HTML 6Page - STMicroelectronics STM32MP157FAD1T Datasheet HTML 7Page - STMicroelectronics STM32MP157FAD1T Datasheet HTML 8Page - STMicroelectronics STM32MP157FAD1T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 260 page
background image
Contents
STM32MP157C/F
4/260
DS12505 Rev 5
3.19
Cyclic redundancy check calculation unit (CRC1, CRC2) . . . . . . . . . . . . 39
3.20
Flexible memory controller (FMC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
3.21
Dual Quad-SPI memory interface (QUADSPI) . . . . . . . . . . . . . . . . . . . . . 39
3.22
Analog-to-digital converters (ADCs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.23
Temperature sensor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.24
Digital temperature sensor (DTS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.25
VBAT operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.26
Digital-to-analog converters (DAC1, DAC2) . . . . . . . . . . . . . . . . . . . . . . . 41
3.27
Voltage reference buffer (VREFBUF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
3.28
Digital filter for sigma delta modulators (DFSDM1) . . . . . . . . . . . . . . . . . 42
3.29
Digital camera interface (DCMI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
3.30
LCD-TFT display controller (LTDC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
3.31
Display serial interface (DSI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.32
True random number generator (RNG1, RNG2) . . . . . . . . . . . . . . . . . . . 45
3.33
Cryptographic and hash processors (CRYP1, CRYP2 and
HASH1, HASH2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
3.34
Boot and security and OTP control (BSEC) . . . . . . . . . . . . . . . . . . . . . . . 46
3.35
Timers and watchdogs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
3.35.1
Advanced-control timers (TIM1, TIM8) . . . . . . . . . . . . . . . . . . . . . . . . . 48
3.35.2
General-purpose timers (TIM2, TIM3, TIM4, TIM5, TIM12, TIM13,
TIM14, TIM15, TIM16, TIM17) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
3.35.3
Basic timers TIM6 and TIM7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
3.35.4
Low-power timer (LPTIM1, LPTIM2, LPTIM3, LPTIM4, LPTIM5) . . . . . 49
3.35.5
Independent watchdog (IWDG1, IWDG2) . . . . . . . . . . . . . . . . . . . . . . . 49
3.35.6
System window watchdog (WWDG1) . . . . . . . . . . . . . . . . . . . . . . . . . . 49
3.35.7
SysTick timer (Cortex-M4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
3.35.8
Generic timers (Cortex-A7 CNT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
3.36
System timer generation (STGEN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
3.37
Real-time clock (RTC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
3.38
Tamper and backup registers (TAMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
3.39
Inter-integrated circuit interface (I2C1, I2C2, I2C3, I2C4, I2C5, I2C6) . . . 53
3.40
Universal synchronous asynchronous receiver transmitter
(USART1, USART2, USART3, USART6 and UART4, UART5,
UART7, UART8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
3.41
Serial peripheral interface (SPI1, SPI2, SPI3, SPI4, SPI5,
SPI6)– inter- integrated sound interfaces (I2S1, I2S2, I2S3) . . . . . . . . . . 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More